PART |
Description |
Maker |
LTC3412AIUF-PBF LTC3412AIUF-TR LTC3412AIUF-TRPBF L |
3A, 4MHz, Monolithic Synchronous Step-Down Regulator
|
Linear Technology
|
LBS13503 |
135.4MHz SAW Filter 4MHz Bandwidth
|
SIPAT Co,Ltd
|
ASCF21U |
CERAMIC SURFACE-MOUNT 21.4MHz and 45MHz FUNDAMENTAL MONOLITHIC CRYSTAL FILTERS
|
Abracon Corporation
|
LTC3411 LTC3411EMS LTC3411EDD |
1.25A, 4MHz, Synchronous Step-Down DC/DC Converter 2 A SWITCHING REGULATOR, 4000 kHz SWITCHING FREQ-MAX, PDSO10 1.25A/ 4MHz/ Synchronous Step-Down DC/DC Converter 4MHz, 1.25A Synchronous Step-Down DC/DC Converter 1.25A 4MHz Synchronous Step-Down DC/DC Converter
|
Linear Technology, Corp. LINER[Linear Technology]
|
LTC3418EUHFPBF |
8A, 4MHz, Monolithic Synchronous Step-Down Regulator; Package: QFN; No of Pins: 38; Temperature Range: -40°C to 125°C 17 A SWITCHING REGULATOR, 4000 kHz SWITCHING FREQ-MAX, PQCC38
|
Linear Technology, Corp.
|
LTC3404MPMS8 LTC3404MPMS8TR LTC3404IMS8 |
1.4MHz High Efficiency Monolithic Synchronous Step-Down Regulator; Package: MSOP; No of Pins: 8; Temperature Range: -55° to 125°C 1.5 A SWITCHING REGULATOR, 1650 kHz SWITCHING FREQ-MAX, PDSO8
|
Linear Technology, Corp.
|
LT1613 LT1613CS5 |
1.4MHz, Single Cell DC/DC Converter in 5-Lead SOT-23 Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
|
LINER[Linear Technology] Linear Technology Corporation
|
ASCF21U ASCF45U ASCF21U8 ASCF45U30 ASCF21U30 |
Radial-leaded Metal Oxide Varistor ( ROV ); ROV14H121K ( Raychem ) Radial-leaded Metal Oxide Varistor ( ROV ); ROV14H151K-2 ( Raychem ) Radial-leaded Metal Oxide Varistor ( ROV ); ROV14H151K ( Raychem ) CERAMIC SURFACE-MOUNT 21.4MHz and 45MHz FUNDAMENTAL MONOLITHIC CRYSTAL FILTERS 1 FUNCTIONS, 45 MHz, 15 kHz BW(delta f), MONOLITHIC CRYSTAL FILTER Radial-leaded Metal Oxide Varistor ( ROV ); ROV14H121K-S-2 ( Raychem )
|
Abracon Corporation Abracon, Corp.
|
MAX1973 MAX1974 MAX1974EUB MAX1973EUB |
SMPSController
"Smallest 1A, 1.4MHz Step- Down Regulators" Smallest 1A, 1.4MHz Step-Down Regulators
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
LTCYM LT3680 LT3680IMSE-TRPBF LT3680IMSE-PBF LT368 |
36V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75楼矛A Quiescent Current 36V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75μA Quiescent Current
|
Linear Technology
|
AAT1112IWP-0.6-T1 AAT1112ITP-0.6-T1 AAT1112 |
1.5A, 1.4MHz Step-Down Converter
|
Advanced Analog Technology, Inc. Advanced Analogic Technologies
|